PART |
Description |
Maker |
CMS03 |
Schottky Barrier Rectifier Trench Schottky Barrier Type Switching Mode Power Supply Applications Portable Equipment Battery Applications TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
|
TOSHIBA[Toshiba Semiconductor]
|
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
DSB02A20 DSB02A30 DSB02A40 DSB05A40 1N6675 1N6676 |
Schottky Barrier Rectifiers(????哄????娴?????) DIODE SWITCHING 80V 100MA 1005 Schottky Rectifier 肖特基整流器 0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
|
Compensated Deuices Inc... 3M Company CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated
|
SR10150 SR10100 SR1040 SR1060 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd Gaomi Xinghe Electronics Co... Chendahang Electronics Co.,... Gaomi Xinghe Electronic... Chendahang Electronics ...
|
MBR0520LT1 MBR0520LT3 ON0405 |
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS 0.5 A, 20 V, SILICON, SIGNAL DIODE (MBR0520LT1 / MBR0520LT3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
SD2010S030L0R1 SD2010S030L0R2 SD2010S030L0R3 SD201 |
Schottky Barrier Rectifier Diode Schottky Barrier Rectifier Diode Lead-less Chip Form
|
AVX Corporation
|